PART |
Description |
Maker |
LTC1274ISWTR LTC1274CSW |
12-Bit, 10mW, 100ksps ADCs with 1μA Shutdown 12-Bit, 10mW, 100ksps ADCs with 1A Shutdown 12-Bit, 10mW, 100ksps ADCs with 1µA Shutdown; Package: SO; No of Pins: 24; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Linear Integrated Systems Linear Technology, Corp.
|
LTC1274 LTC1277 |
12-Bit, 10mW, 100ksps ADCs with 1A Shutdown 12-Bit, 10mW, 100ksps ADCs with 1µA Shutdown
|
Linear Technology
|
AM27C2048-95DI AM27C2048-95LC AM27C2048-95LI AM27C |
100ksps, 12-Bit Serial ADCs in TSOT-23 Dual 14-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C x16 EPROM x16存储
|
Ironwood Electronics
|
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX190 MAX191ACNG MAX191ACWG MAX191AENG MAX191AEWG |
75ksps, 5V, 12-Bit ADC with Track/Hold and Reference Low-Power / 12-Bit Sampling ADC with Internal Reference and Power-Down From old datasheet system Low-Power / 12-Bit Sampling ADCs with Internal Reference and Power-Down Low-Power 12-Bit Sampling ADCs with Internal Reference and Power-Down Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm
|
AD7822BRUZ AD7822BRU-REEL AD7822BNZ1 AD7822BR-REEL |
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX131608 MAX1324ECM MAX1321ECM MAX1322 MAX1320ECM |
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 卤10V, 卤5V, and 0 to 5V Analog Input Ranges 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products
|
MAX1248-MAX1249 MAX125ACAX MAX125AEAX MAX125BCAX M |
2x4-Channel / Simultaneous-Sampling 14-Bit DAS 2.7V to 5.25V, Low-Power, 4-Channel, Serial, 10-Bit ADCs in QSOP-16 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 2x4-Channel, Simultaneous-Sampling 14-Bit DAS SPECIALTY ANALOG CIRCUIT, PDSO36 2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 2x4-Channel, Simultaneous-Sampling 14-Bit DAS 2x4通道,同时采4位DAS
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC1407A-1 LTC1407-1 |
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
|
Linear Technology
|
SP8542JN SP8542JS SP8544KS SP8542 SP8542AN SP8542A |
Two and Four Channel 12-Bit Multiplexed Sampling ADCs
|
SIPEX[Sipex Corporation]
|
AD7884 AD7884AN AD7884AP AD7884BN AD7884BP AD7885A |
LC2MOS 16-Bit, High Speed Sampling ADCs
|
AD[Analog Devices]
|
MAX1308ECV MAX1304ECV MAX130411 |
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V
|
Maxim Integrated Products
|